Part Number Hot Search : 
TBP04G NTMFS493 AMP2009 CS422202 TSC302 CD4047 SB180 SR6B6K09
Product Description
Full Text Search
 

To Download S510B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  S510B 100v 5.0a 1 of 2 web site: www.taychipst.com features e-mail: sales@taychipst.com maximum ratings and electrical characteristics m e c h a n i c a l d a t a ? plastic package has underwriters laboratory flammability classification 94v-o ? for surface mounted applications ? low profile package ? built-in strain relief ? metal to silicon rectifier. majority carrier conduction ? low power loss,high efficiency ? high surge capacity ? for use in low voltage high frequency inverters, free wheeling, and polarity protection applications ? in compliance with eu rohs 2002/95/ec directives ? case: jedec do-214aa molded plastic ? terminals:solder plated, solderable per mil-std-750, method 2026 ? polarity : color band denotes cathode end ? standard packaging: 12mm tape (eia-481) ? weight: 0.0032 ounce, 0.092 gram ratings at 25c ambient temperature unless otherwise specified. resistive or inductive load. notes: 1. pulse test with pw =300sec, 1% duty cycle. 2. mounted on pcb with minmum pad layout. parameter symbol value units maximum recurrent peak reverse voltage v rrm 100 v maximum rms voltage v rms 70 v maximum dc blocking voltage v dc 100 v maximum average forward rectified current i f(av) 5.0 a peak forward surge current : 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 120 a maximum forward voltage at 5.0a (notes 1) v f 0.85 v maximum dc reverse current at rated dc blocking voltage t j =25 o c t j =125 o c i r 0.05 2 ma typical thermal resistance (notes 2) r ja r jl 100 20 o c / w operating junction temperature range t j -55 to +150 o c storage temperature range t stg -55 to +150 o c surface mount schottky barrier rectifier
ratings and characteristic curves S510B S510B 2 of 2 e-mail: sales@taychipst.com web site: www.taychipst.com 1 10 100 1000 0.1 1 10 100 v r , reverse bias voltage (v) c j , junc tion capacitanc e (p f) 0 1 2 3 4 5 6 0 2 5 5 0 7 5 100 125 150 lead temperature (c) 0.01 0.1 1 10 100 1000 10000 20 40 60 80 100 percent of rated peak reverse voltage (%) i r ,rever se curr ent ( a) t j = 150c t j = 125c t j = 75c t j = 25c fig.3 typical reverse characteristics fig.1 forward current derating curve fig.2 typical junction capacitance 0.01 0.1 1 10 0 0.2 0.4 0.6 0.8 1 v f , forward voltage (v) t j = 150c t j = 125c t j = 75c t j = 25c fig.4 typical forward characteristics i f , fo rw ard cur rent ( a) t j = 25c f = 1.0 mhz i f , fo rw ard cur rent ( a) 100v 5.0a surface mount schottky barrier rectifier


▲Up To Search▲   

 
Price & Availability of S510B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X